PART |
Description |
Maker |
2N6132 2N6101 2N6491 2N6486 2N6487 2N6489 2N6099 2 |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 15 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB (2N6130 - 2N6134) NPN SILICON TRANSISTOR Leaded Power Transistor General Purpose Leaded Power Transistor Darlington
|
http:// ON Semiconductor Central Semiconductor Corp. Advanced Semiconductor CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
STD13003 |
Switching Bipolar Power Transistor |Power Transistor |400V 1.5A 1.2W HFE8~40 开关功率晶体管|功率晶体管| 400V 1.5A的功率为1.2W HFE840 NPN Silicon Power Transistor
|
AUK, Corp. AUK[AUK corp]
|
2SD1692 2SD1692L 2SD1692K |
NPN SILICON DARLINGTON TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTOR Low-Power, Single/Dual-Level Battery Monitors with Hysteresis TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 3A条一(c)|26
|
NEC Corp. NEC, Corp.
|
2SC3739 2SC3739-T2B 2SC3739-L |
HIGH FREQUENCY AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
http:// NEC
|
TIP140 TIP141 TIP142 TIP147 TIP146 TIP145 -TIP142 |
10 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-218 COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS PNP Epitaxial Silicon Darlington Transistor
|
http:// STMICROELECTRONICS[STMicroelectronics] Fairchild Semiconductor
|
2SC2333 2SC2333K |
PNP SILICON POWER TRANSISTOR(switching regulator/DC-DC converter and ultrasonic appliance) TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-220AB PNP SILICON POWER TRANSISTOR(switching regulator,DC-DC converter and ultrasonic appliance) NPN Silicon Power Transistor
|
NEC Corp. NEC[NEC]
|
MP4304 |
Power Transistor Module Silicon NPN Epitaxial Type (high gain power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon NPN Epitaxial Type (high gain power transistor 4 in 1)
|
Toshiba Semiconductor Toshiba Corporation
|
2SB1555B 2SB1555 |
TRANSISTOR SILICON PNP EPITAXIAL TYPE (DARLINGTON POWER TRANSISTOR) POWER AMPLIFIER APPLICATIONS 3-Pin, Ultra-Low-Power SC70/SOT µP Reset Circuits
|
TOSHIBA
|
CEN-U10 |
NPN SILICON POWER TRANSISTOR 0.5 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-202 Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|